Part Number Hot Search : 
AD8602AR 71WS256 200GB T600C A1774 2SD668 ADP7105 A12BB
Product Description
Full Text Search
 

To Download HR64375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HR643.75
643.75MHz One-Port SAW Resonator For Wireless Remote Control
Approved by: Checked by: Issued by:
SPECIFICATION
PRODUCT: MODEL: SAW RESONATOR HR643.75 QCC8C
HOPE MICROELECTRONICS CO.,LIMITED
Tel:+86-755-82973806 Fax:+86-755-82973550
E-mail: sales@hoperf.com
Page 1 of 1
http://www.hoperf.com
SAW Resonator
HR643.75
The HR643.75 is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount ceramic QCC8C case. It provides reliable, fundamental-mode, quartz frequency stabilization i.e. in transmitters or local oscillators operating at 643.750 MHz. 1. Package Dimension (QCC8C)
Pin 2 6 4,8 1,3,5,7 Sign A B C D Data (unit: mm) 2.08 0.6 1.27 2.54 Sign E F G H Configuration Terminal1 Terminal2 Case Ground Empty Data (unit: mm) 1.2 1.35 5.0 5.0
2. Marking
3. Equivalent LC Model and Test Circuit
HR643.75
Laser Marking 4. Typical Application Circuits 1) Low-Power Transmitter Application
2) Local Oscillator Application
5. Typical Frequency Response
6. Temperature Characteristics
Tel:+86-755-82973806 Fax:+86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
SAW Resonator
7.Performance 7-1.Maximum Ratings
Rating
CW RF Power Dissipation DC Voltage Between Terminals Storage Temperature Range Operating Temperature Range P VDC Tstg TA
HR643.75
Value
0 30 -40 to +85 -10 to +60
Unit
dBm V
7-2.Electronic Characteristics
Characteristic
Center Frequency (+25 ) Insertion Loss Unloaded Q Quality Factor 50 Loaded Q Turnover Temperature Temperature Stability Turnover Frequency Frequency Temperature Coefficient Frequency Aging Absolute Value during the First Year Absolute Frequency Tolerance from 643.750 MHz
Sym
fC fC IL QU QL T0 f0 FTC |fA|
Minimum
643.675
Typical
Maximum
643.825
Unit
MHz kHz
75 1.5 9,400 1,500 25 fC 0.032 10 1.0 55 2.0
dB
kHz ppm/
2
ppm/yr M
DC Insulation Resistance Between Any Two Terminals Motional Resistance RF Equivalent RLC Model Motional Inductance Motional Capacitance Shunt Static Capacitance RM LM CM C0
19 44.1531 1.3858 1.65 1.95
26
H fF
2.25
pF
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
C 2003. All Rights Reserved.
The center frequency, fC, is measured at the minimum IL point with the resonator in the 50 test system. Unless noted otherwise, case temperature TC = +25C2C. Frequency aging is the change in fC with time and is specified at +65C or less. Aging may exceed the specification for prolonged temperatures above +65C. Typically, aging is greatest the first year after manufacture, decreasing in subsequent years. 4. Turnover temperature, T0, is the temperature of maximum (or turnover) frequency, f0. The nominal frequency at any case temperature, TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)2]. 5. This equivalent RLC model approximates resonator performance near the resonant frequency and is provided for reference only. The capacitance C0 is the measured static (nonmotional) capacitance between the two terminals. The measurement includes case parasitic capacitance. 6. Derived mathematically from one or more of the following directly measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and C0. 7. The specifications of this device are based on the test circuit shown above and subject to change or obsolescence without notice. 8. Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the equipment manufacturer. 9. Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits implemented within components or assemblies. 10. For questions on technology, prices and delivery, please contact our sales offices or e-mail sales@hoperf.com. 1. 2. 3.
Tel:+86-755-82973806 Fax:+86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com


▲Up To Search▲   

 
Price & Availability of HR64375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X